Part Number Hot Search : 
RB461F 11600 ST380C 202AC F08A40 HD74LS10 HD74LS10 AD75004
Product Description
Full Text Search
 

To Download MC50-330K-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS
MC50
0.2480.012 (6.30.30)
Molded Chip Inductors
0.1250.012 (3.200.30)
Dimensions:
Inches (mm)
0.1250.012 (3.20.30)
0.047 (1.2)
0.098 (2.50) 0.052 (1.30) 0.197 (5.00) 0.059 (1.50)
Features * 2512 Molded Chip Inductor * Excellent Solder Heat Resistance * Terminals have high resistance to pull forces Electrical Inductance Range: .22h ~ 1000h Tolerance: 20% from .22h ~ .82h 10% from 1.0h ~ 1000h Also available in 5% & 20% Test Frequency: .22h ~ .1.0h measured at 25.2Mhz, 1.2h ~ 10h measured at 7.96Mhz, 12h ~ 100h measured at 2.52Mhz, 120h ~ 1000h measured at .796Mhz, Operating Temp: -20C ~ +85C @ 75% RH IDC: The current at which inductance will drop no more then 10% of it's orginial value or a temperature rise of T=20C whichever occurs first.
Allied Part Number
Inductance Tolerance (h) (%)
Q Min.
Test Freq. (MHz)
SRF Min. (MHz)
DCR Max. ()
IDC (mA)
Test Equipment (L/Q): HP4285A + HP16034E (RDC): Chen Hwa 502 (SRF): HP4291B
Physical Packaging: 2000 pieces per, 13" reel Marking: EIA Inductance code
MC50-R22M-RC MC50-R27M-RC MC50-R33M-RC MC50-R39M-RC MC50-R47M-RC MC50-R56M-RC MC50-R68M-RC MC50-R82M-RC MC50-1R0K-RC MC50-1R2K-RC MC50-1R5K-RC MC50-1R8K-RC MC50-2R2K-RC MC50-2R7K-RC MC50-3R3K-RC MC50-3R9K-RC MC50-4R7K-RC MC50-5R6K-RC MC50-6R8K-RC MC50-8R2K-RC MC50-100K-RC MC50-120K-RC MC50-150K-RC MC50-180K-RC MC50-220K-RC MC50-270K-RC MC50-330K-RC MC50-390K-RC MC50-470K-RC MC50-560K-RC MC50-680K-RC MC50-820K-RC MC50-101K-RC MC50-121K-RC MC50-151K-RC MC50-181K-RC MC50-221K-RC MC50-271K-RC MC50-331K-RC MC50-391K-RC MC50-471K-RC MC50-561K-RC MC50-681K-RC MC50-821K-RC MC50-102K-RC
.22 .27 .33 .39 .47 .56 .68 .82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000
20 20 20 20 20 20 20 20 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
40 40 40 40 40 40 40 40 40 40 45 50 50 50 50 45 45 45 40 40 40 45 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50
25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796
380 360 300 250 220 180 160 140 100 80 70 60 55 50 45 40 35 33 27 25 20 18 17 15 13 12 11 10 10 9.0 9.0 8.0 8.0 6.0 5.0 5.0 4.0 4.0 3.5 3.0 3.0 3.0 3.0 2.5 2.5
0.32 0.36 0.40 0.45 0.50 0.55 0.60 0.67 0.50 0.55 0.60 0.65 0.70 0.75 0.80 0.90 1.00 1.10 1.20 1.40 1.60 2.00 2.50 2.80 3.20 3.60 4.00 4.50 5.00 5.50 6.00 7.00 8.00 8.00 9.00 9.50 12.0 18.0 20.0 23.0 26.0 30.0 40.0 45.0 50.0
1150 450 450 450 450 450 450 450 450 430 410 390 380 370 355 330 315 300 285 270 250 225 200 190 180 170 160 150 140 135 130 120 110 110 105 102 100 92 85 80 62 50 50 30 30
Available in tighter tolerances. All specifications subject to change without notice.
714-665-1140
ALLIED COMPONENTS INTERNATIONAL
REVISED 11/10/10
www.alliedcomponents.com


▲Up To Search▲   

 
Price & Availability of MC50-330K-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X